PART |
Description |
Maker |
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
MJH6287 MJH6284 ON2053 |
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system 20 AMPERE COMPLEMENTARY SILICON
|
ONSEMI[ON Semiconductor]
|
MJL21196 MJL21195 ON2056 |
STARTER KIT, EASY 500; Output type:Relay; Temp, op. max:55(degree C); Temp, op. min:-25(degree C) RoHS Compliant: Yes COMPLEMENTARY SILICON POWER TRANSISTORS 16 AMPERE COMPLEMENTARY SILICON POWER From old datasheet system
|
ONSEMI[ON Semiconductor]
|
BD787 ON0199 BD788 |
POWER TRANSISTORS COMPLEMENTARY SILICON From old datasheet system Complementary Plastic Silicon Power Transistors
|
Motorola Inc ON Semiconductor MOTOROLA[Motorola, Inc]
|
MJ2955 2N3055 4079 |
COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system COMPLEMENTARY SILICON POWER TRANSISTORS
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MJ4032 MJ4035 4161 |
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS From old datasheet system COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MJ14001 MJ14003 MJ14002 ON1978 |
60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS 60 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-204AE 60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS 60 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-204AE From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|
MJ21195G MJ21195G-13 |
Silicon Power Transistors 16 AMPERES COMPLEMENTARY SILICON
|
ON Semiconductor
|
2N6487 2N6488 2N6490 2N6491 2N6487-D |
COMPLEMENTARY SILICON POWER TRANSISTORS Complementary Silicon Plastic Power Transistors Complementary Silicon Plastic
Power Transistors
2N6487
|
ONSEMI[ON Semiconductor]
|
2SA886 2SA0886 |
Power Device - Power Transistors - Others Silicon PNP epitaxial planar type (For low-frequency power amplification Complementary)
|
PANASONIC[Panasonic Semiconductor]
|